전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN5-300 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 SN5-300
상세설명  KEMET, SN, AC Line Filters, Normal Mode, 25 uH, MIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

SN5-300 데이터시트(HTML) 1 Page - Kemet Corporation

  SN5-300 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SN5-300
KEMET, SN, AC Line Filters, Normal Mode, 25 uH, MIN
Dimensions
D
13mm MAX
T
7mm MAX
LL
20mm +/-2mm
S
6mm NOM
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 4800
Weight: 2.6 g
General Information
Series: SN
Style: Through-Hole
Features: Compact Size
RoHS: Yes
Miscellaneous: 18 (K) Temperature Rise Max.
Specifications
Inductance: 25 uH (0.1 MHz)
Inductance Tolerance: MIN
Temperature Range: -25/+105C
DC Resistance: 42 mOhms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/19/2018 - 9ec0d4a5-45e8-4ac7-925f-637a99d976aa


유사한 부품 번호 - SN5-300

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
SN5-300 KEMET-SN5-300 Datasheet
784Kb / 13P
   Differential Mode SN Coils, Standard Series
SN5-300JB KEMET-SN5-300JB Datasheet
80Kb / 1P
   KEMET, SN-JB, AC Line Filters, Normal Mode, 25 uH
SN5-300JB KEMET-SN5-300JB Datasheet
293Kb / 6P
   Differential Mode SN Coils, SN-JB Series, Terminal Base Type
SN5-300JB KEMET-SN5-300JB_V01 Datasheet
293Kb / 6P
   Differential Mode SN Coils, SN-JB Series, Terminal Base Type
More results

유사한 설명 - SN5-300

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
SN5-30P2 KEMET-SN5-30P2 Datasheet
67Kb / 1P
   KEMET, SN-P2, AC Line Filters, Normal Mode, 25 uH, MIN
SN13-500 KEMET-SN13-500 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 143 uH, MIN
SN8D-400 KEMET-SN8D-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 80 uH, MIN
SN8D-300 KEMET-SN8D-300 Datasheet
80Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 45 uH, MIN
SN8D-500 KEMET-SN8D-500 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 125 uH, MIN
SN13-400 KEMET-SN13-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 92 uH, MIN
SN10-300 KEMET-SN10-300 Datasheet
80Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 40 uH, MIN
SN5-400 KEMET-SN5-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 48 uH, MIN
SN12-400 KEMET-SN12-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 64 uH, MIN
SN13-300 KEMET-SN13-300 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 51 uH, MIN
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com