전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OV13A10 데이터시트(PDF) 2 Page - OmniVision Technologies, Inc.

부품명 OV13A10
상세설명  High-Performance 13-Megapixel PureCel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMNIVISION [OmniVision Technologies, Inc.]
홈페이지  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV13A10 데이터시트(HTML) 2 Page - OmniVision Technologies, Inc.

  OV13A10 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV13A10 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Smartphones
Video Conferencing
¬ PC Multimedia
Applications
¬
¬
¬
¬
¬
¬
¬
¬
13MP @ 30 fps, 4K2K @ 30 fps
supports phase detection auto focus
(PDAF) pixels with bypass PD pixels
supports dynamic defect pixel
correction (DPC)
automatic black level calibration (ABLC)
total embedded one-time
programmable (OTP) memory:
1536 bytes
supports typical images sizes:
- 4224x3136
- 4224x2376
- 2112x1568
- 2112x1188
- 1408x792
supports horizontal and
vertical subsampling
programmable I/O drive capability
supports ZigZag HDR timing
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
up to 4-lane MIPI TX interface with
speed up to 1.2 Gbps/lane
standard serial SCCB interface with
speed up to 1 MHz
(when clock input is >10 MHz)
supports output formats:
- 10-bit RAW RGB
- DPCM 10-8 compression
long exposure time of up to 30 seconds
two on-chip phase lock loops (PLLs)
built-in temperature sensor
typical module size: 8.5 x 8.5 x <6 mm
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV13A10-GA5A-Z
(color, chip probing, 150 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 4224 x 3136
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 228 mW
- standby: 1.2 mW
- XSHUTDOWN: <20 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
pixel size: 1.008 µm x 1.008 µm
lens size: 1/3.4"
lens chief ray angle: 29.48° non-linear
input clock frequency: 6 ~ 64 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- 4224 x 3136: 30 fps
- 4224 x 2376: 30 fps
- 2112 x 1568: 60 fps
- 2112 x 1188: 60 fps
- 1408 x 792: 60 fps
minimum exposure: 4 lines
maximum exposure: (VTS/2-12) lines
sensitivity: 3400 e-/Lux-sec
max S/N ratio: 36 dB
dynamic range: 62.5 dB @ 1x gain
scan mode: progressive
image area: 4290.05 µm x 3193.34 µm
die dimensions:
- COB: 5364 µm x 3627 µm
- RW: 5414 µm x 3677 µm
Product Specifications
Version 1.2, October 2018
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV13A10
OV13A10
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLLs
PLL
control register bank
SCCB interface
timing generator and system control logic
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC


유사한 부품 번호 - OV13A10

제조업체부품명데이터시트상세설명
logo
OmniVision Technologies...
OV13A1Q OMNIVISION-OV13A1Q Datasheet
796Kb / 2P
   Ultra-Compact 13-Megapixel PureCel
OV13A1Q-GA5A-Z OMNIVISION-OV13A1Q-GA5A-Z Datasheet
796Kb / 2P
   Ultra-Compact 13-Megapixel PureCel
More results

유사한 설명 - OV13A10

제조업체부품명데이터시트상세설명
logo
OmniVision Technologies...
OV13A1Q OMNIVISION-OV13A1Q Datasheet
796Kb / 2P
   Ultra-Compact 13-Megapixel PureCel
OS08A20 OMNIVISION-OS08A20 Datasheet
1Mb / 2P
   High Resolution 8-Megapixel PureCel
OS08A10 OMNIVISION-OS08A10 Datasheet
1Mb / 2P
   Low-Power 8-Megapixel PureCel
OV16860 OMNIVISION-OV16860 Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
   High-Performance 16-Megapixel Image Sensor
OV05630-V58A OMNIVISION-OV05630-V58A Datasheet
163Kb / 2P
   low power, high-performance 5 megapixel CameraChip
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
   high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
   1/4-inch, high-performance 3 Megapixel CameraChip sensor
OV8856 OMNIVISION-OV8856 Datasheet
656Kb / 2P
   High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com