전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OV13B10 데이터시트(PDF) 1 Page - OmniVision Technologies, Inc.

부품명 OV13B10
상세설명  1/3-inch 13MP Image Sensor for Mainstream
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMNIVISION [OmniVision Technologies, Inc.]
홈페이지  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV13B10 데이터시트(HTML) 1 Page - OmniVision Technologies, Inc.

  OV13B10 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV13B10 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/3-inch 13MP Image Sensor for Mainstream
and Entry-Level Smartphone Cameras
OV13B10 13MPproductbrief
lead free
available in
a lead-free
package
The OmniVision OV13B image sensor is the latest
addition of our widely deployed 13MP family, featuring
a 1/3-inch optical format and ultra-low power
consumption. Built with our PureCel®Plus pixel
technology, the OV13B provides mainstream and entry-
level smartphone designers with the industry's best
1.12 micron pixel performance for rear- or front-facing
cameras. This sensor will not only fulfill the tremendous
demand in the mainstream market, but can also boost
the performance of entry-level smartphones.
Additionally, it is a perfect fit for both wide-angle and
telephoto cameras in multi-camera configurations.
In comparison with its predecessors, the OV13B has
significantly lower power consumption for extended
battery life. It also has a smaller chip size, enabling an
8.5 mm x 8.5 mm autofocus module for main cameras, or
a 6.4 mm x 7.2 mm fixed focus module for front-facing
cameras with a Z height below 4 mm.
The OV13B image sensor supports phase detection
autofocus (PDAF), while providing multiple resolution
options to meet the needs of end users, including full-
resolution 13MP image output at 30 frames per second
(fps), 4K2K video at 30 fps, 1080p full high definition
(HD) at 60 fps, or 720p HD at 120 fps.
Find out more at www.ovt.com.


유사한 부품 번호 - OV13B10

제조업체부품명데이터시트상세설명
logo
OmniVision Technologies...
OV13850 OMNIVISION-OV13850 Datasheet
721Kb / 2P
   OV13850 13MP product brief
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
   13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
OV13855-GA5A-2A OMNIVISION-OV13855-GA5A-2A Datasheet
656Kb / 2P
   13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
OV13A10 OMNIVISION-OV13A10 Datasheet
616Kb / 2P
   High-Performance 13-Megapixel PureCel
OV13A10-GA5A-Z OMNIVISION-OV13A10-GA5A-Z Datasheet
616Kb / 2P
   High-Performance 13-Megapixel PureCel
More results

유사한 설명 - OV13B10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KC73133C SAMSUNG-KC73133C Datasheet
245Kb / 19P
   1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F333SZ03 SAMSUNG-S5F333SZ03 Datasheet
249Kb / 19P
   1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
KC73125UBA SAMSUNG-KC73125UBA Datasheet
224Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com