전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXIOM2700 데이터시트(PDF) 3 Page - Advanced XTAL Products

부품명 AXIOM2700
상세설명  Fully customizable UHF/SHF frequency source Ultra-Low Phase Noise OCXO with multiple outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXTAL [Advanced XTAL Products]
홈페이지  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM2700 데이터시트(HTML) 3 Page - Advanced XTAL Products

  AXIOM2700 Datasheet HTML 1Page - Advanced XTAL Products AXIOM2700 Datasheet HTML 2Page - Advanced XTAL Products AXIOM2700 Datasheet HTML 3Page - Advanced XTAL Products AXIOM2700 Datasheet HTML 4Page - Advanced XTAL Products AXIOM2700 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM2700 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
General block diagram
* For improved noise floor and very low sub-harmonic content SAW filters can be used.
Performance Examples
(1) 1 GHz Output (Multiplication x10 including SAW Filter)


유사한 부품 번호 - AXIOM2700

제조업체부품명데이터시트상세설명
logo
Advanced XTAL Products
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
More results

유사한 설명 - AXIOM2700

제조업체부품명데이터시트상세설명
logo
Advanced XTAL Products
AXIOM5050M AXTAL-AXIOM5050M Datasheet
158Kb / 4P
   Low Phase Noise OCXO with Multiple Outputs
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
   UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
   Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
   Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
   Ultra-Low Phase Noise OCXO
logo
Toshiba Semiconductor
MT4S102T TOSHIBA-MT4S102T Datasheet
124Kb / 5P
   UHF-SHF Low Noise Amplifier Application
MT4S104T TOSHIBA-MT4S104T Datasheet
126Kb / 5P
   UHF-SHF Low Noise Amplifier Application
MT4S200U TOSHIBA-MT4S200U Datasheet
166Kb / 6P
   UHF-SHF Low Noise Amplifier Application
logo
Advanced XTAL Products
AXIOM75LG AXTAL-AXIOM75LG Datasheet
132Kb / 4P
   Ultra-Low Phase Noise OCXO with Low G-Sensitivity
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com