전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QF2605 데이터시트(PDF) 2 Page - Advanced XTAL Products

부품명 QF2605
상세설명  Front End (Antenna) Crystal Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXTAL [Advanced XTAL Products]
홈페이지  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

QF2605 데이터시트(HTML) 2 Page - Advanced XTAL Products

  QF2605 Datasheet HTML 1Page - Advanced XTAL Products QF2605 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QF2605 Rev.1 
www.axtal.com 
Roemerring 9 
page 
2(2) 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Enclosure drawing 
 
 
 
 
 
 
 
 
Environmental conditions 
 
Test  
IEC 60068 
Part … 
IEC 60386‐1 
Clause … 
Test conditions 
Shock* 
2‐27 
2.3.5 
Test Ea, 3 x per axes 100g, 6 ms 
half‐sine pulse 
Vibration, sinusoidal*  2‐6 
2.3.4 
Test Fc, 30 min per axes, 
10 Hz ‐ 55 Hz 0,75mm; 55 Hz ‐ 2 
kHz, 10g 
 
 
Revision History 
Rev. 
Date 
[dd.mm.yyyy] 
Remarks 
Author 
Checked 
10.03.2003 
First issue  QF2600 
BN 
BN 
02.01.2017 
Package changed, editorial changes. New P/N QF2605 
BN 
BN 
 


유사한 부품 번호 - QF2605

제조업체부품명데이터시트상세설명
logo
Advanced XTAL Products
QF2600 AXTAL-QF2600 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
More results

유사한 설명 - QF2605

제조업체부품명데이터시트상세설명
logo
Advanced XTAL Products
QF2405 AXTAL-QF2405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1405 AXTAL-QF1405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1605 AXTAL-QF1605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF3105 AXTAL-QF3105 Datasheet
141Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1400 AXTAL-QF1400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1600 AXTAL-QF1600 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF2400 AXTAL-QF2400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3100 AXTAL-QF3100 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3305 AXTAL-QF3305 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF30-05 AXTAL-QF30-05 Datasheet
140Kb / 2P
   Front End ( Antenna) Crystal Filter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com