전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2001LC 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 ULN2001LC
상세설명  3CH DARLINGTON SINK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2001LC 데이터시트(HTML) 1 Page - Unisonic Technologies

  ULN2001LC Datasheet HTML 1Page - Unisonic Technologies ULN2001LC Datasheet HTML 2Page - Unisonic Technologies ULN2001LC Datasheet HTML 3Page - Unisonic Technologies ULN2001LC Datasheet HTML 4Page - Unisonic Technologies ULN2001LC Datasheet HTML 5Page - Unisonic Technologies ULN2001LC Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2001LC
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-019.D
3CH DARLINGTON SINK
DRIVER
DESCRIPTION
The UTC ULN2001LC is high-voltage, high-current darlington
transistor arrays. Each consists of three NPN darlington pairs that
feature high-voltage outputs with common-cathode clamp diodes
for switching inductive loads. The collector-current rating of a single
darlington pair is 100mA. All units feature integral clamp diodes for
switching inductive loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
The UTC ULN2001LC has a 2.7kΩ series base resistor for
each darlington pair for operation directly with TTL or 5V CMOS
devices.
FEATURES
* Output Current (Single Output): 100mA max
* High Sustaining Voltage Output: 50V min
* Inputs Compatible with Various Types of Logic
* Output Clamp Diodes
* Relay-Driver Applications
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2001LCL-D08-T
ULN2001LCG-D08-T
DIP-8
Tube
ULN2001LCL-S08-R
ULN2001LCG-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


유사한 부품 번호 - ULN2001LC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ULN2001L ETC1-ULN2001L Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2001L-D08-T UTC-ULN2001L-D08-T Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001L-S08-R UTC-ULN2001L-S08-R Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
More results

유사한 설명 - ULN2001LC

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
   7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_17 Datasheet
492Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com