전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QM2538N3 데이터시트(PDF) 5 Page - uPI Group Inc.

부품명 QM2538N3
상세설명  N-Channel 20V Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UPI [uPI Group Inc.]
홈페이지  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM2538N3 데이터시트(HTML) 5 Page - uPI Group Inc.

  QM2538N3 Datasheet HTML 1Page - uPI Group Inc. QM2538N3 Datasheet HTML 2Page - uPI Group Inc. QM2538N3 Datasheet HTML 3Page - uPI Group Inc. QM2538N3 Datasheet HTML 4Page - uPI Group Inc. QM2538N3 Datasheet HTML 5Page - uPI Group Inc. QM2538N3 Datasheet HTML 6Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
QM2538N3
N-Channel 20V Fast Switching MOSFET
Fig.12 Top Marking


유사한 부품 번호 - QM2538N3

제조업체부품명데이터시트상세설명
logo
uPI Group Inc.
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
   N-Channel 20V Fast Switching MOSFET
QM2534M9 UPI-QM2534M9 Datasheet
370Kb / 6P
   Dual N-Channel 20V Fast Switching MOSFET
More results

유사한 설명 - QM2538N3

제조업체부품명데이터시트상세설명
logo
uPI Group Inc.
QM2420K UPI-QM2420K Datasheet
601Kb / 8P
   N-Channel 20V Fast Switching MOSFET
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
   N-Channel 20V Fast Switching MOSFET
QM2542N5 UPI-QM2542N5 Datasheet
356Kb / 6P
   N-Channel 20V Fast Switching MOSFET
QM2710D UPI-QM2710D Datasheet
835Kb / 8P
   N-Channel 20V Fast Switching MOSFET
QM2544N5 UPI-QM2544N5 Datasheet
755Kb / 8P
   Dual N-Channel 20V Fast Switching MOSFET
QM2534M9 UPI-QM2534M9 Datasheet
370Kb / 6P
   Dual N-Channel 20V Fast Switching MOSFET
QM2421M3 UPI-QM2421M3 Datasheet
669Kb / 8P
   P-Channel 20V Fast Switching MOSFET
QM2401D UPI-QM2401D Datasheet
599Kb / 8P
   P-Channel 20V Fast Switching MOSFET
QM2429S UPI-QM2429S Datasheet
645Kb / 8P
   P-Channel 20V Fast Switching MOSFET
QM2423V UPI-QM2423V Datasheet
639Kb / 8P
   P-Channel 20V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com