전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QM3015D 데이터시트(PDF) 3 Page - uPI Group Inc.

부품명 QM3015D
상세설명  P-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UPI [uPI Group Inc.]
홈페이지  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3015D 데이터시트(HTML) 3 Page - uPI Group Inc.

  QM3015D Datasheet HTML 1Page - uPI Group Inc. QM3015D Datasheet HTML 2Page - uPI Group Inc. QM3015D Datasheet HTML 3Page - uPI Group Inc. QM3015D Datasheet HTML 4Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
QM3015D
P-Ch 30V Fast Switching MOSFETs
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
-VDS Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
7
8
9
10
11
12
13
4
6
8
10
-VGS (V)
ID=-30A
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
20
40
60
80
QG , Total Gate Charge (nC)
ID=-15A
VDS=15V
VDS=24V
0
0.5
1
1.5
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance v.s Gate-Source
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) v.s TJ
Fig.6 Normalized RDSON v.s TJ


유사한 부품 번호 - QM3015D

제조업체부품명데이터시트상세설명
logo
uPI Group Inc.
QM3015S UPI-QM3015S Datasheet
326Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
More results

유사한 설명 - QM3015D

제조업체부품명데이터시트상세설명
logo
Unitpower Technology Li...
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
PKN3601 PACELEADER-PKN3601 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKN3107 FETEK-FKN3107 Datasheet
479Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3105 FETEK-FKS3105 Datasheet
612Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
   P-Ch 30V Fast Switching MOSFETs
Ver : B
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com