전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST34HF1642C-70-4C-LPE 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST34HF1642C-70-4C-LPE
상세설명  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1642C-70-4C-LPE 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST34HF1642C-70-4C-LPE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF1642C-70-4C-LPE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
FIGURE 3: PIN ASSIGNMENTS FOR 56-BALL LFBGA (8MM X 10MM)
FIGURE 4: PIN ASSIGNMENTS FOR 62-BALL LFBGA (8MM X 10MM)
A11
A8
WE#
WP#
LBS#
A7
A15
A12
A19
BES2
RST#
UBS#
A6
A3
NC
A13
A9
NC
RY/BY#
A18
A5
A2
NC
A14
A10
A17
A4
A1
A16
NC
DQ6
DQ1
VSS
A0
CIOF
NOTE*
DQ13
DQ4
DQ3
DQ9
OE#
BEF#
VSS
DQ7
DQ12
VDDS
VDDF
DQ10
DQ0
BES1#
DQ14
DQ5
NC
DQ11
DQ2
DQ8
A
B
C
D
E
F
G
H
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)
Note* = DQ15/A-1
A11
A8
WE#
WP#
NC
A7
A15
A12
A19
BES2
RST#
NC
A6
A3
NC
A13
A9
NC
RY/BY#
A18
A5
A2
NC
A14
A10
A17
A4
A1
A16
SA
DQ6
DQ1
VSS
A0
CIOF
NOTE*
DQ13
DQ4
DQ3
DQ9
OE#
BEF#
VSS
DQ7
DQ12
VDDS
VDDF
DQ10
DQ0
BES1#
DQ14
DQ5
NC
DQ11
DQ2
DQ8
A
B
C
D
E
F
G
H
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)
Note* = DQ15/A-1
SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D
SST34HF1622S / SST34HF1642S
Note: 1. For SST34HF1602C, VDDS, SA, BES2, and BES1# are No Connect.
NC
NC
NC
A16
WEF#
VSSS
WP#
LBS#
A18
NC
A11
A8
RY/BY#
RST#
NC
UBS#
A17
A5
A15
A10
A19
OES#
A7
A4
A14
A9
DQ11
A6
A0
A13
DQ15
DQ13
DQ12
DQ9
A3
BEF#
A12
WES#
DQ6
BES2
DQ10
DQ8
A2
VSSF
VSSF
DQ14
DQ4
VDDS
DQ2
DQ0
A1
OEF#
NC
DQ7
DQ5
VDDF
DQ3
DQ1
BES1#
NC
NC
NC
A
B
C
D
E
F
G
H
J
K
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)
Note: 1. For SST34HF1602C, VSSS, VDDS, WES#, BES2, OES#, UBS#, LBS#, and BES1# are No Connect.
SST34HF16x2C/D


유사한 부품 번호 - SST34HF1642C-70-4C-LPE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST34HF1641 SST-SST34HF1641 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4C-L1P SST-SST34HF1641-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4C-LFP SST-SST34HF1641-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4E-L1P SST-SST34HF1641-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4E-LFP SST-SST34HF1641-70-4E-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results

유사한 설명 - SST34HF1642C-70-4C-LPE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com