전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3154DCUR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A3154DCUR
상세설명  0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3154DCUR 데이터시트(HTML) 1 Page - Texas Instruments

  TS5A3154DCUR Datasheet HTML 1Page - Texas Instruments TS5A3154DCUR Datasheet HTML 2Page - Texas Instruments TS5A3154DCUR Datasheet HTML 3Page - Texas Instruments TS5A3154DCUR Datasheet HTML 4Page - Texas Instruments TS5A3154DCUR Datasheet HTML 5Page - Texas Instruments TS5A3154DCUR Datasheet HTML 6Page - Texas Instruments TS5A3154DCUR Datasheet HTML 7Page - Texas Instruments TS5A3154DCUR Datasheet HTML 8Page - Texas Instruments TS5A3154DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TS5A3154
0.9 W SPDT ANALOG SWITCH
5V/3.3V SINGLECHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS191 − MARCH 2005
Description
The TS5A3154 is a single-pole double-throw (SPDT)
analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance
and
an
excellent
channel-to-channel
ON-state
resistance matching. The device has excellent total
harmonic distortion (THD) performance and consumes
very low power. These features make this device
suitable for portable audio applications.
Applications
D Cell Phones
D PDAs
D Portable Instrumentation
D Audio and Video Signal Routing
D Low-Voltage Data-Acquisition Systems
D Communication Circuits
D Modems
D Hard Drives
D Computer Peripherals
D Wireless Terminals and Peripherals
SSOP OR SOT PACKAGE
(TOP VIEW)
1
2
3
8
6
COM
EN
GND
NO
V+
7
NC
Logic
Control
45
IN
GND
2
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
GND
GND
EN
COM
NC
NO
IN
V+
1
3
4
8
7
5
6
Logic
Control
FUNCTION TABLE
EN
IN
NC TO COM,
COM TO NC
NO TO COM,
COM TO NO
L
L
ON
OFF
L
H
OFF
ON
H
X
OFF
OFF
Features
D Specified Make-Before-Break Switching
D Low ON-State Resistance (0.9 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection
D Excellent ON-State Resistance Matching
D Low Total Harmonic Distortion (THD)
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole, Double
Throw 2:1 Multiplexer/
Demultiplexer
(SPDT)
Number of channels
1
ON-state resistance (ron)
0.9
ON-state resistance match (
∆ron)
0.1
ON-state resistance flatness (ron(flat))
0.15
Turn-on/turn-off time (tON/tOFF)
8 ns/12.5 ns
Make-before-break time (tMBB)
12 ns
Charge injection (QC)
10 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
−64 dB at 1 MHz
Crosstalk (XTALK)
−64 dB at 1 MHz
Total harmonic distortion (THD)
0.004%
Leakagecurrent(ICOM(OFF)/INC(OFF))
±20 nA
Power-supply current (I+)
0.1
µA
Package option
8-pin SSOP, SOT, or
DSBGA
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
NanoFree and NanoStar are trademarks of Texas Instruments.


유사한 부품 번호 - TS5A3154DCUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCUR TI1-TS5A3154DCUR Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI-TS5A3154DCURE4 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI1-TS5A3154DCURE4 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE6 TI-TS5A3154DCURE6 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A3154DCUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com