전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QM3016M3 데이터시트(PDF) 5 Page - uPI Group Inc.

부품명 QM3016M3
상세설명  N-Ch 30V Fast Switching MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UPI [uPI Group Inc.]
홈페이지  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM3016M3 데이터시트(HTML) 5 Page - uPI Group Inc.

  QM3016M3 Datasheet HTML 1Page - uPI Group Inc. QM3016M3 Datasheet HTML 2Page - uPI Group Inc. QM3016M3 Datasheet HTML 3Page - uPI Group Inc. QM3016M3 Datasheet HTML 4Page - uPI Group Inc. QM3016M3 Datasheet HTML 5Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
QM3016M3
N-Ch 30V Fast Switching MOSFETs
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform


유사한 부품 번호 - QM3016M3

제조업체부품명데이터시트상세설명
logo
uPI Group Inc.
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
   N-ch 30V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
QM3016M6 VBSEMI-QM3016M6 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - QM3016M3

제조업체부품명데이터시트상세설명
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD3004 UNITPOWER-UD3004 Datasheet
709Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3008 UNITPOWER-UD3008 Datasheet
727Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
   N-ch 30V Fast Switching MOSFETs
QM3024M3 UPI-QM3024M3 Datasheet
210Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
QM3052M6 UPI-QM3052M6 Datasheet
228Kb / 5P
   N-Ch 30V Fast Switching MOSFETs
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3502 PACELEADER-PKN3502 Datasheet
1Mb / 5P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
   N-ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com