전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5201BRM50-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5201BRM50-REEL7
상세설명  256-Position and 33-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5201BRM50-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5201BRM50-REEL7 Datasheet HTML 3Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 4Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 5Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 6Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 7Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 8Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 9Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 10Page - Analog Devices AD5201BRM50-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD5200/AD5201
–7–
CODE – Decimal
224
–0.2
–0.1
0.0
0.1
0.3
192
160
128
96
64
32
0
256
–0.3
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.2
–0.4
–0.5
TPC 7. AD5200 10 k
Ω INL vs. Code
CODE – Decimal
28
0.005
0.010
0.020
24
20
16
12
8
4
032
0.000
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.015
–0.005
–0.010
TPC 8. AD5201 10 k
Ω INL vs. Code
VIH – V
0.01
0.1
10
5.0
4.0
3.0
2.0
1.0
0.0
0.001
1.0
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
IDD @ VDD/VSS = 2.5V
ISS @ VDD/VSS = 2.5V
TPC 9. Supply Current vs. Logic Input Voltage
TEMPERATURE – C
20
–40
18
16
14
12
10
8
6
4
2
0
–20
0
20
40
60
80
100
VIL = VSS
VIH = VDD
VDD = 5.5V
VDD = 2.7V
TPC 10. Supply Current vs. Temperature
TEMPERATURE – C
14
–40
12
10
8
6
4
2
0
–2
–20
0
20
40
60
80
100
VDD = 5.5V
TPC 11. Shutdown Current vs. Temperature
VSUPPLY – V
160
06
140
120
100
80
60
40
20
0
5
4
3
2
1
VDD = 2.7V
VDD = 5.5V
SEE TEST CIRCUIT 13
TA = 25 C
TPC 12. Wiper ON Resistance vs. V SUPPLY


유사한 부품 번호 - AD5201BRM50-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5201BRMZ10 AD-AD5201BRMZ10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ10 AD-AD5201BRMZ10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ10-REEL7 AD-AD5201BRMZ10-REEL7 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ10-REEL7 AD-AD5201BRMZ10-REEL7 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ50 AD-AD5201BRMZ50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results

유사한 설명 - AD5201BRM50-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com