전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST34HF1622C-70-4E-B1SE 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc

부품명 SST34HF1622C-70-4E-B1SE
상세설명  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1622C-70-4E-B1SE 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc

  SST34HF1622C-70-4E-B1SE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1622C-70-4E-B1SE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. Intel is a registered trademark of Intel Corporation.
CSF and ComboMemory are trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Advance Information
FEATURES:
Flash Organization: 1M x16 or 2M x8
Dual-Bank Architecture for Concurrent
Read/Write Operation
– 16 Mbit: 4 Mbit + 12 Mbit
(P)SRAM Organization:
– 2 Mbit: 128K x16 or 256K x8
– 4 Mbit: 256K x16 or 512K x8
– 8 Mbit: 512K x16 or 1024K x8
Single 2.7-3.3V Read and Write Operations
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 25 mA (typical)
– Standby Current: 20 µA (typical)
Hardware Sector Protection (WP#)
– Protects 4 outer most sectors (4 KWord) in the
larger bank by holding WP# low and unprotects
by holding WP# high
Hardware Reset Pin (RST#)
– Resets the internal state machine to reading
data array
Byte Selection for Flash (CIOF pin)
– Selects 8-bit or 16-bit mode
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Read Access Time
– Flash: 70 ns
– (P)SRAM: 70 ns
Erase-Suspend / Erase-Resume Capabilities
Security ID Feature
– SST: 128 bits
– User: 128 bits
Latched Address and Data
Fast Erase and Word-/Byte-Program (typical):
– Sector-Erase Time: 18 ms
– Block-Erase Time: 18 ms
– Chip-Erase Time: 35 ms
– Word-Program Time: 7 µs
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
– Ready/Busy# pin
CMOS I/O Compatibility
JEDEC Standard Command Set
Packages Available
– 56-ball LFBGA (8mm x 10mm)
– 62-ball LFBGA (8mm x 10mm)
PRODUCT DESCRIPTION
The SST34HF16x2C/D/S ComboMemory devices inte-
grate either a 1M x16 or 2M x8 CMOS flash memory bank
with either a 128K x16/256K x8, 256K x16/512 x8, or 512K
x16/1024K x8 CMOS SRAM or pseudo SRAM (PSRAM)
memory bank in a multi-chip package (MCP). These
devices are fabricated using SST’s proprietary, high-perfor-
mance CMOS SuperFlash technology incorporating the
split-gate cell design and thick-oxide tunneling injector to
attain better reliability and manufacturability compared with
alternate approaches. The SST34HF16x2C/D/S devices
are ideal for applications such as cellular phones, GPS
devices, PDAs, and other portable electronic devices in a
low power and small form factor system.
The SST34HF16x2C/D/S feature dual flash memory bank
architecture allowing for concurrent operations between the
two flash memory banks and the (P)SRAM. The devices
can read data from either bank while an Erase or Program
operation is in progress in the opposite bank. The two flash
memory banks are partitioned into 4 Mbit and 12 Mbit with
top sector protection options for storing boot code, program
code, configuration/parameter data and user data.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore, the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles. The SST34HF16x2C/D/S devices offer a
guaranteed endurance of 10,000 cycles. Data retention is
rated at greater than 100 years. With high performance
Word-Program, the flash memory banks provide a typical
Word-Program time of 7 µsec. The entire flash memory
bank can be erased and programmed word-by-word in typ-
ically 4 seconds for the SST34HF16x2C/D/S, when using
interface features such as Toggle Bit, Data# Polling, or RY/
BY# to indicate the completion of Program operation. To
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
SST34HF16x2x16Mb CSF + 2/4/8 Mb SRAM (x16) MCP ComboMemory


유사한 부품 번호 - SST34HF1622C-70-4E-B1SE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4C-L1P SST-SST34HF1621-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4C-LFP SST-SST34HF1621-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4E-L1P SST-SST34HF1621-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4E-LFP SST-SST34HF1621-70-4E-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results

유사한 설명 - SST34HF1622C-70-4E-B1SE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com