전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IKW40T120 데이터시트(Datasheet) 13 Page - Infineon Technologies AG

부품명 IKW40T120
상세내용  LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARAALEL EMCON HE DIODE
PDF  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo 

 
 13 page
background image
IKW40T120
^
TrenchStop Series
Power Semiconductors
13
Preliminary / Rev. 1 Jul-02
dimensions
symbol
[mm]
[inch]
min
max
min
max
A
4.78
5.28
0.1882
0.2079
B
2.29
2.51
0.0902
0.0988
C
1.78
2.29
0.0701
0.0902
D
1.09
1.32
0.0429
0.0520
E
1.73
2.06
0.0681
0.0811
F
2.67
3.18
0.1051
0.1252
G
0.76 max
0.0299 max
H
20.80
21.16
0.8189
0.8331
K
15.65
16.15
0.6161
0.6358
L
5.21
5.72
0.2051
0.2252
M
19.81
20.68
0.7799
0.8142
N
3.560
4.930
0.1402
0.1941
∅P
3.61
0.1421
Q
6.12
6.22
0.2409
0.2449
TO-247AC




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IKP10N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IHP10T120Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKB06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IKP06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP15N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW30N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW75N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW15T120LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE 1 2 3 4 5 MoreInfineon Technologies AG
IKP04N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW50N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl