전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IKW40T120 데이터시트(Datasheet) 14 Page - Infineon Technologies AG

부품명 IKW40T120
상세내용  LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARAALEL EMCON HE DIODE
PDF  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo 

 
 14 page
background image
IKW40T120
^
TrenchStop Series
Power Semiconductors
14
Preliminary / Rev. 1 Jul-02
Figure A. Definition of switching times
Figure B. Definition of switching losses
I
rr m
90% I
rr m
10% I
rr m
di /dt
F
t
rr
I
F
i,v
t
Q
S
Q
F
t
S
t
F
V
R
di
/dt
rr
Q=Q
Q
rr
S
F
+
t=t
t
rr
S
F
+
Figure C. Definition of diodes
switching characteristics
p(t)
12
n
T(t)
j
τ1
1
τ2
2
n
n
τ
TC
rr
r
r
r
r
Figure D. Thermal equivalent
circuit
Figure E. Dynamic test circuit
Leakage inductance Lσ =180nH
and Stray capacity Cσ =39pF.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IKP10N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IHP10T120Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKB06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IKP06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP15N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW30N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW75N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW15T120LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE 1 2 3 4 5 MoreInfineon Technologies AG
IKP04N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW50N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl