전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0838A 데이터시트(PDF) 1 Page - Texas Instruments

부품명 ADC0838A
상세설명  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC0838A 데이터시트(HTML) 1 Page - Texas Instruments

  ADC0838A Datasheet HTML 1Page - Texas Instruments ADC0838A Datasheet HTML 2Page - Texas Instruments ADC0838A Datasheet HTML 3Page - Texas Instruments ADC0838A Datasheet HTML 4Page - Texas Instruments ADC0838A Datasheet HTML 5Page - Texas Instruments ADC0838A Datasheet HTML 6Page - Texas Instruments ADC0838A Datasheet HTML 7Page - Texas Instruments ADC0838A Datasheet HTML 8Page - Texas Instruments ADC0838A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
1
8-Bit Resolution
Easy Microprocessor Interface or Stand-
Alone Operation
Operates Ratiometrically or With 5-V
Reference
4- or 8-Channel Multiplexer Options With
Address Logic
Shunt Regulator Allows Operation With
High-Voltage Supplies
Input Range 0 to 5 V With Single 5-V
Supply
Remote Operation With Serial Data Link
Inputs and Outputs are Compatible With
TTL and MOS
Conversion Time of 32 µs at
fclock = 250 kHz
Designed to Be Interchangeable With
National Semiconductor ADC0834 and
ADC0838
DEVICE
TOTAL UNADJUSTED ERROR
DEVICE
A SUFFIX
B SUFFIX
ADC0834
± 1 LSB
± 1/2 LSB
ADC0838
± 1 LSB
± 1/2 LSB
description
These devices are 8-bit successive- approxima-
tion analog-to-digital converters, each with an
input-configurable
multichannel
multi-
plexer and serial input/output. The serial input/
output is configured to interface with standard shift
registers or microprocessors. Detailed informa-
tion on interfacing with most popular microproces-
sors is readily available from the factory.
The
ADC0834
(4-channel)
and
ADC0838
(8-channel) multiplexer is software configured
forsingle-ended or differential inputs as well as
pseudo-differential input assignments. The differ-
ential analog voltage input allows for common-
mode rejection or offset of the analog zero input
voltage value. In addition, the voltage reference
input can be adjusted to allow encoding any
smaller analog voltage span to the full 8 bits of
resolution.
The ADC0834AC, ADC0834BC, ADC0838AC, and ADC0838BC are characterized for operation from 0
°C to
70
°C. The ADC0834AI, ADC0834BI, ADC0838AI, and ADC0838BI are characterized for operation from –40°C
to 85
°C.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
CS
CH0
CH1
CH2
CH3
DGTL GND
VCC
DI
CLK
SARS
DO
REF
ANLG GND
AD0834 . . . N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGTL GND
VCC
V+
CS
DI
CLK
SARS
DO
SE
REF
ANLG GND
ADC0838 . . . N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CS
DI
CLK
SARS
DO
CH3
CH4
CH5
CH6
CH7
ADC0838 . . . FN PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - ADC0838A

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ADC0838 MICRO-LINEAR-ADC0838 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0838 NSC-ADC0838 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0838 TI1-ADC0838 Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838-N TI1-ADC0838-N Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ADC0838BCN MICRO-LINEAR-ADC0838BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

유사한 설명 - ADC0838A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com