전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-2601S 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 HCPL-2601S
상세설명  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2601S 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  HCPL-2601S Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2601S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Recommended Operating Conditions
*6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is
5.0 mA or less.
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
DC/Average Forward
Single Channel
IF
50
mA
Input Current
Dual Channel (Each Channel)
30
Enable Input Voltage
Not to exceed VCC by more than 500 mV
Single Channel
VE
5.5
V
Reverse Input Voltage
Each Channel
VR
5.0
V
Power Dissipation
Single Channel
PI
100
mW
Dual Channel (Each Channel)
45
DETECTOR
Supply Voltage
VCC
(1 minute max)
7.0
V
Output Current
Single Channel
IO
50
mA
Dual Channel (Each Channel)
50
Output Voltage
Each Channel
VO
7.0
V
Collector Output
Single Channel
PO
85
mW
Power Dissipation
Dual Channel (Each Channel)
60
Parameter
Symbol
Min
Max
Units
Input Current, Low Level
IFL
0
250
µA
Input Current, High Level
IFH
*6.3
15
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Enable Voltage, Low Level
VEL
0
0.8
V
Enable Voltage, High Level
VEH
2.0
VCC
V
Low Level Supply Current
TA
-40
+85
°C
Fan Out (TTL load)
N
8


유사한 부품 번호 - HCPL-2601S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-2601S FAIRCHILD-HCPL-2601S Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601SD FAIRCHILD-HCPL-2601SD Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601SDV FAIRCHILD-HCPL-2601SDV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601SV FAIRCHILD-HCPL-2601SV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

유사한 설명 - HCPL-2601S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com