전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B002-DV1A4 데이터시트(PDF) 3 Page - Tripp Lite. All Rights Reserved

부품명 B002-DV1A4
상세설명  Secure KVM Switch, DVI to DVI - 4-Port, NIAP PP3.0 Certified, Audio, Single Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B002-DV1A4 데이터시트(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B002-DV1A4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B002-DV1A4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B002-DV1A4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B002-DV1A4 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit Dimensions (hwd / cm)
4.47 x 31.93 x 17.02
Unit Weight (lbs.)
2.45
Unit Weight (kg)
1.11
Color
Black
Rackmountable
No
ENVIRONMENTAL
Operating Temperature Range
32 to 104 F (0 to 40 C)
Storage Temperature Range
4 to 140 F (-20 to 60 C)
Relative Humidity
0% to 80%, Non-Condensing
COMMUNICATIONS
IP Remote Access
No
CONNECTIONS
Ports
4
PC/Server Connections
DVI; USB
Side A - Connector 1
3.5MM (FEMALE)
Side A - Connector 2
DVI-I (FEMALE)
Side A - Connector 3
(2) USB A (FEMALE)
Side B - Connector 1
3.5MM (FEMALE)
Side B - Connector 2
DVI-I (FEMALE)
Side B - Connector 3
USB B (FEMALE)
Computer Keyboard and Mouse
Interface
USB
Computer Monitor Interface
DVI-I Dual-Link
Console Keyboard and Mouse
Interface
USB
Console Monitor Interface
DVI-I Dual-Link
FEATURES & SPECIFICATIONS
Number of Users
1
NIAP-Certified Secure
Yes
Port Selection
Pushbutton
Max Supported Video Resolution
2560 X 1600 @60Hz
Cat5 KVM Switch
No
Common Access Card (CAC)
Support
No
3 / 4


유사한 부품 번호 - B002-DV1A4

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
B002-DV1A2 TRIPPLITE-B002-DV1A2 Datasheet
163Kb / 4P
   Secure KVM Switch, DVI to DVI - 2-Port, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DV1A2-N4 TRIPPLITE-B002-DV1A2-N4 Datasheet
40Kb / 4P
   Secure KVM Switch, 2-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, TAA
B002-DV1AC8 TRIPPLITE-B002-DV1AC8 Datasheet
159Kb / 4P
   Secure KVM Switch, DVI to DVI - 8-Port, NIAP PP3.0 Certified, Audio, CAC Support, Single Monitor
B002-DV1AC8-N4 TRIPPLITE-B002-DV1AC8-N4 Datasheet
39Kb / 4P
   Secure KVM Switch, 8-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
More results

유사한 설명 - B002-DV1A4

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
B002-DV1A2 TRIPPLITE-B002-DV1A2 Datasheet
163Kb / 4P
   Secure KVM Switch, DVI to DVI - 2-Port, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DV1AC8 TRIPPLITE-B002-DV1AC8 Datasheet
159Kb / 4P
   Secure KVM Switch, DVI to DVI - 8-Port, NIAP PP3.0 Certified, Audio, CAC Support, Single Monitor
B002-DP2A4 TRIPPLITE-B002-DP2A4 Datasheet
161Kb / 4P
   Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0 Certified, Audio
B002DUA4 TRIPPLITE-B002DUA4 Datasheet
501Kb / 3P
   4-Port NIAP-Certified (EAL 2plus) Secure DVI - USB KVM Switch with Audio
B002-DP1A4 TRIPPLITE-B002-DP1A4 Datasheet
159Kb / 4P
   Secure KVM Switch, DisplayPort to DisplayPort -4 Ports, 4K, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DV1A2-N4 TRIPPLITE-B002-DV1A2-N4 Datasheet
40Kb / 4P
   Secure KVM Switch, 2-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, TAA
B002-DV2A4-N4 TRIPPLITE-B002-DV2A4-N4 Datasheet
40Kb / 4P
   Secure KVM Switch, 4-Port, Dual Head, DVI to DVI, NIAP PP4.0, Audio, TAA
B002-DV1AC8-N4 TRIPPLITE-B002-DV1AC8-N4 Datasheet
39Kb / 4P
   Secure KVM Switch, 8-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
B002-DV2AC4-N4 TRIPPLITE-B002-DV2AC4-N4 Datasheet
40Kb / 4P
   Secure KVM Switch, 4-Port, Dual Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
B002-DP2AC4 TRIPPLITE-B002-DP2AC4 Datasheet
162Kb / 4P
   Secure KVM Switch, Dual Monitor, DisplayPort to DisplayPort - 4-Port, 4K, NIAP PP3.0, Audio, CAC
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com