전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B004-DP2UA2-K 데이터시트(PDF) 2 Page - Tripp Lite. All Rights Reserved

부품명 B004-DP2UA2-K
상세설명  2-Port DisplayPort KVM Switch 4K 60 Hz with Audio, Cables and USB Peripheral Sharing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DP2UA2-K 데이터시트(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B004-DP2UA2-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DP2UA2-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DP2UA2-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Access and Control Two 4K DisplayPort Computers with One KVM Switch
Switch between computers using remote port selector, hotkeys or mouse wheel
q
Supports UHD video resolutions up to 3840 x 2160 (4K x 2K) @ 60 Hz
q
Supports DisplayPort Dual Mode (DP++) for directly outputting single-link DVI or HDMI signals via
adapter
q
Auto Scan feature cycles between computers at regular intervals for at-a-glance observation of activity
q
Multi-Stream Transport (MST) lets you use multiple monitors via one DisplayPort connector
q
Independent Audio Switching
3.5 mm mini-stereo speaker and microphone jacks allow sharing of audio equipment between
computers
q
Listen to audio files on one computer while accessing the other computer
q
Supports 2.1-channel surround sound and HD Audio (through DisplayPort playback)
q
Independent USB 2.0 Peripheral Sharing
Adding an optional USB hub (sold separately) allows connection of peripherals, such as printers, hard
drives, scanners, webcams and thumb drives
q
Easy Plug-and-Play Setup and Use
Compatible with Windows, Mac, Linux and Sun
q
Bus-powered with no external power supply, software or drivers to install
q
Compliant with EDID and HDCP
q
Upgradable firmware
q
Works with multimedia keyboards, multi-function mice, and wireless keyboards and mice
q
OVERVIEW
UPC Code
037332193179
PHYSICAL
Shipping Dimensions (hwd / in.)
2.40 x 6.70 x 9.40
Shipping Dimensions (hwd / cm)
6.10 x 17.02 x 23.88
Shipping Weight (lbs.)
1.60
Shipping Weight (kg)
0.73
Unit Dimensions (hwd / in.)
1.1 x 3.7 x 3.7
Unit Dimensions (hwd / cm)
2.68 x 9.30 x 9.37
Unit Weight (lbs.)
0.26
2 / 3


유사한 부품 번호 - B004-DP2UA2-K

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
B004-DPUA2-K TRIPPLITE-B004-DPUA2-K Datasheet
164Kb / 4P
   2-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
B004-DPUA4-K TRIPPLITE-B004-DPUA4-K Datasheet
163Kb / 4P
   4-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
More results

유사한 설명 - B004-DP2UA2-K

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
B032-VUA2 TRIPPLITE-B032-VUA2 Datasheet
166Kb / 4P
   2-Port USB/VGA Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
B032-DPUA2 TRIPPLITE-B032-DPUA2 Datasheet
171Kb / 3P
   2-Port DisplayPort 1.1/USB KVM Switch with Audio/Video, Built-In Cables, USB Peripheral Sharing
B032-DUA2 TRIPPLITE-B032-DUA2 Datasheet
167Kb / 4P
   2-Port USB/DVI Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
B032-HUA2 TRIPPLITE-B032-HUA2 Datasheet
168Kb / 4P
   2-Port USB/HD Cable KVM Switch with Audio/Video, Cables and USB Peripheral Sharing
B032-VU2 TRIPPLITE-B032-VU2 Datasheet
175Kb / 3P
   2-Port USB/VGA Cable KVM Switch with Cables and USB Peripheral Sharing
B024-DPU16 TRIPPLITE-B024-DPU16 Datasheet
163Kb / 4P
   16-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B024-DPU08 TRIPPLITE-B024-DPU08 Datasheet
162Kb / 4P
   8-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B004-DPUA2-K TRIPPLITE-B004-DPUA2-K Datasheet
164Kb / 4P
   2-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
B006VUA4KR TRIPPLITE-B006VUA4KR Datasheet
495Kb / 3P
   4-Port KVM Switch with Audio, OSD and Peripheral Sharing
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
   2-Port DVI/USB KVM Switch with Audio and Cables
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com