전자부품 데이터시트 검색엔진 |
|
6N137SV 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
6N137SV 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 12 page 2 www.fairchildsemi.com Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3 Absolute Maximum Ratings (TA = 25°C unless otherwise specified) Recommended Operating Conditions *6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0 mA or less. Parameter Symbol Value Units Storage Temperature TSTG -55 to +125 °C Operating Temperature TOPR -40 to +85 °C Lead Solder Temperature TSOL 260 for 10 sec °C EMITTER DC/Average Forward Single Channel IF 50 mA Input Current Dual Channel (Each Channel) 30 Enable Input Voltage Not to exceed VCC by more than 500 mV Single Channel VE 5.5 V Reverse Input Voltage Each Channel VR 5.0 V Power Dissipation Single Channel PI 100 mW Dual Channel (Each Channel) 45 DETECTOR Supply Voltage VCC (1 minute max) 7.0 V Output Current Single Channel IO 50 mA Dual Channel (Each Channel) 50 Output Voltage Each Channel VO 7.0 V Collector Output Single Channel PO 85 mW Power Dissipation Dual Channel (Each Channel) 60 Parameter Symbol Min Max Units Input Current, Low Level IFL 0 250 µA Input Current, High Level IFH *6.3 15 mA Supply Voltage, Output VCC 4.5 5.5 V Enable Voltage, Low Level VEL 0 0.8 V Enable Voltage, High Level VEH 2.0 VCC V Low Level Supply Current TA -40 +85 °C Fan Out (TTL load) N 8 |
유사한 부품 번호 - 6N137SV |
|
유사한 설명 - 6N137SV |