전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4300DY-TI 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4300DY-TI
상세설명  N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4300DY-TI 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4300DY-TI Datasheet HTML 1Page - Vishay Siliconix SI4300DY-TI Datasheet HTML 2Page - Vishay Siliconix SI4300DY-TI Datasheet HTML 3Page - Vishay Siliconix SI4300DY-TI Datasheet HTML 4Page - Vishay Siliconix SI4300DY-TI Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4300DY
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71772
S-03951—Rev. B, 26-May-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 85_C
2000
mA
On-State Drain Currentb
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 9 A
0.0155
0.0185
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 7 A
0.0275
0.033
W
Forward Transconductanceb
gfs
VDS = 15 V, ID = 9 A
16
S
Schottky Diode Forward Voltageb
VSD
IS = 1.0 A, VGS = 0 V
0.47
0.5
V
Dynamica
Total Gate Charge
Qg
8.7
13
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 5 V, ID = 9 A
2.25
nC
Gate-Drain Charge
Qgd
DS
,
GS
, D
4.2
Gate Resistance
Rg
0.5
2.7
W
Turn-On Delay Time
td(on)
11
16
Rise Time
tr
VDD = 15 V, RL = 15 W
8
15
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
22
30
ns
Fall Time
tf
9
15
Source-Drain Reverse Recovery Time
trr
IF = 2.3 A, di/dt = 100 A/ms
32
60
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.5
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 24 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 24 V, TJ = 100_C
0.7
10
mA
g
rm
Vr = - 24 V, TJ = 125_C
3.0
20
Junction Capacitance
CT
Vr = 10 V
50
pF


유사한 부품 번호 - SI4300DY-TI

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4300DY-T1-E3 VBSEMI-SI4300DY-T1-E3 Datasheet
963Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI4300DY-TI

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KI4300DY KEXIN-KI4300DY Datasheet
56Kb / 2P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com