전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1488N 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 MC1488N
상세설명  QUADRUPLE LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MC1488N 데이터시트(HTML) 1 Page - Texas Instruments

  MC1488N Datasheet HTML 1Page - Texas Instruments MC1488N Datasheet HTML 2Page - Texas Instruments MC1488N Datasheet HTML 3Page - Texas Instruments MC1488N Datasheet HTML 4Page - Texas Instruments MC1488N Datasheet HTML 5Page - Texas Instruments MC1488N Datasheet HTML 6Page - Texas Instruments MC1488N Datasheet HTML 7Page - Texas Instruments MC1488N Datasheet HTML 8Page - Texas Instruments MC1488N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
TIA / EIA-232-E and ITU Recommendation
V.28
D Current-Limited Output: 10 mA Typical
D Power-Off Output Impedance: 300 Ω
Minimum
D Slew Rate Control by Load Capacitor
D Flexible Supply-Voltage Range
D Input Compatible With Most TTL Circuits
description/ordering information
The MC1488, SN55188, and SN75188 are
monolithic quadruple line drivers designed to
interface data terminal equipment with data
communications equipment in conformance with
ANSI TIA/EIA-232-E, using a diode in series with
each supply-voltage terminal as shown under
typical applications.
The SN55188 is characterized for operation over
the full military temperature range of − 55
°C to
125
°C. The MC1488 and SN75188 are
characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
MC1488N
MC1488N
PDIP (N)
Tube of 25
SN75188N
SN75188N
0
°C to 70°C
SOIC (D)
Tube of 50
SN75188D
SN75188
0 C to 70 C
SOIC (D)
Reel of 2500
SN75188DR
SN75188
SOP (NS)
Reel of 2000
SN75188NSR
SN75188
CDIP (J)
Tube of 25
SN55188J
SN55188J
−55
°C to 125°C
CDIP (J)
Tube of 25
SNJ55188J
SNJ55188J
−55
°C to 125°C
CFP (W)
Tube of 150
SNJ55188W
SNJ55188W
LCCC (FK)
Tube of 55
SNJ55188FK
SNJ55188FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC−
1A
1Y
2A
2B
2Y
GND
VCC +
4B
4A
4Y
3B
3A
3Y
SN55188 ...J OR W PACKAGE
SN75188 . . . D, N, OR NS PACKAGE
MC1488 ...N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN55188 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - MC1488N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC1488N TI-MC1488N Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488N TI-MC1488N Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488N TI1-MC1488N Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488NE4 TI-MC1488NE4 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488NE4 TI1-MC1488NE4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

유사한 설명 - MC1488N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com