전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD70F 데이터시트(PDF) 2 Page - SanRex Corporation

부품명 KD70F
상세설명  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANREX [SanRex Corporation]
홈페이지  http://www.sanrex.com
Logo SANREX - SanRex Corporation

KD70F 데이터시트(HTML) 2 Page - SanRex Corporation

  KD70F Datasheet HTML 1Page - SanRex Corporation KD70F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD70F/KD70F
Maximum Forward Characteristics
Forward Voltage Drop(V)
10
3
10
2
10
1
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
40
140
120
100
160
80
60
20
10 20
60
30
90
70
40
100
120
110
80
50
Single Phase
Three Phase
Max.
Per one element
D.C.
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
130
110
120
100
60
80
90
50
70
0 10 20
120
110
100
80
30
90
70
40
60
50
Per one element
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
2000
1500
1000
500
10
10
1
10
2
Per one element
j=25℃ start
60Hz
50Hz
Transient Thermal Impedance
Time
t(sec)
0.
0.
0.
0.
0.
10
10
-2
10
-1
10
4
10
10
1
10
2
10
3
Per one element
Junction to Case
Id(Av)
Output Current
Output Current(A)
100
100
150
50
40
80
120
B2;Two Pluse Bridge
connection
200
600
500
300
400
100
Ambient Temperature(℃)
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B2
120
125
110
100
90
110
120
100
Id(AV)
Output Current
Output Current(A)
B6;Six pulse Bridge
connection
Ambient Temperature(℃)
110
120
125
100
40
80
50
100
150
120
200
600
500
400
100
300
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B6


유사한 부품 번호 - KD70F

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
KD7212A2 POWEREX-KD7212A2 Datasheet
75Kb / 2P
   Dual Darlington Transistor Module (25 Amperes/1200 Volts)
KD721KA2 POWEREX-KD721KA2 Datasheet
188Kb / 4P
   Dual Darlington Transistor Module (25 Amperes/1000 Volts)
More results

유사한 설명 - KD70F

제조업체부품명데이터시트상세설명
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com