전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AFBR-S4N44C013 데이터시트(Datasheet) 3 Page - Broadcom Corporation.

부품명 AFBR-S4N44C013
상세내용  4x4 NUV-HD Silicon Photo Multiplier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo 

   
 3 page
background image
Broadcom
AFBR-S4N44C103-DS101
3
AFBR-S4N44C013 Data Sheet
4×4 NUV-HD Silicon Photo Multiplier Array
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause damage to the devices. Limits apply to each parameter in
isolation. Absolute maximum ratings are those values beyond which damage to the device may occur if these limits are
exceeded for other than a short period of time.
Device Specification
Features measured at 25°C unless otherwise specified.
Geometric Features
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TSTG
–20
+60
°C
Operating Temperature
TA
–20
+50
°C
Soldering Temperaturea, b
a. The AFBR-S4N44C013 is reflow-solderable according to solder diagram as shown in Figure 3.
b. According to JEDEC J-STD-020D, the moisture sensitivity classification is MSL3.
TSOLD
—245
°C
Lead Soldering Timea, b
tSOLD
—60
s
Electrostatic Discharge Voltage Capability HBM
ESDHBM
—2
kV
Electrostatic Discharge Voltage Capability CDM
ESDCDM
—500
V
Operating Over Voltage
VOV
—10
V
Parameter
Symbol
Value
Units
Device Area
DA
3.88 × 3.88
mm2
Active Area
AA
3.72 × 3.72
mm2
Micro Cell Pitch
Lcell
30
µm
Number of Micro Cells
Ncells
15060
Micro Cell Fill Factor
FF
76
%




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl