전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AFBR-S4N44C013 데이터시트(Datasheet) 6 Page - Broadcom Corporation.

부품명 AFBR-S4N44C013
상세내용  4x4 NUV-HD Silicon Photo Multiplier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo 

   
 6 page
background image
Broadcom
AFBR-S4N44C103-DS101
6
AFBR-S4N44C013 Data Sheet
4×4 NUV-HD Silicon Photo Multiplier Array
Figure 8: Gain vs.OV
Figure 9: Correlated Noise vs. OV
Figure 10: Dark Count Rate vs. PDE at Peak
Figure 11: Gain vs. PDE at Peak
Figure 12: Correlated Noise vs. PDE at Peak
Figure 13: Example Signal Measured at 3V OV
(input impedance 20Ω,
gain 2V/mA)




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl