전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AFBR-S4N44C013 데이터시트(Datasheet) 1 Page - Broadcom Corporation.

부품명 AFBR-S4N44C013
상세내용  4x4 NUV-HD Silicon Photo Multiplier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo 

   
 1 page
background image
Data Sheet
Broadcom
AFBR-S4N44C103-DS101
October 29, 2018
Description
The Broadcom® AFBR-S4N44C013 is a silicon photo
multiplier (SiPM) array used for ultra-sensitive precision
measurement of single photons.The active area is 3.72 ×
3.72 mm2. High packing density of the single chip is
achieved using through-silicon-via (TSV) technology. Larger
areas can be covered by tiling multiple AFBR-S4N44C013
arrays almost without any edge losses. The passivation
layer is made by a glass highly transparent down to UV
wavelengths, resulting in a broad response in the visible
light spectrum with high sensitivity towards blue- and
near-UV region of the light spectrum. The SiPM is best
suited for the detection of low-level pulsed light sources,
especially for detection of Cherenkov- or scintillation light
from the most common organic (plastic) and inorganic
scintillator materials (for example, LSO, LYSO, BGO, NaI,
CsI, BaF, LaBr). This product is lead free and compliant with
RoHS and REACH.
Block Diagram
Figure 1: AFBR-S4N44C013 Block Diagram
Features
High PDE of more than 55% at 420 nm
High fill factors
Excellent SPTR and CRT
Excellent uniformity of breakdown voltage, 180 mV
(3 sigma)
Excellent uniformity of gain
With TSV technology (4-side tilable)
Size 3.88 × 3.88 mm2
Cell pitch 30 × 30 µm2
Highly transparent glass protection layer
Operating temperature range from –20°C to +50°C
RoHS and REACH compliant
Applications
X-ray and gamma ray detection
Gamma ray spectroscopy
Safety and security
Nuclear medicine
Positron emission tomography
Life sciences
Flow cytometry
Fluorescence – luminescence measurements
Time correlated single photon counting
High energy physics
Astrophysics
AFBR-S4N44C013
4×4 NUV-HD Silicon Photo Multiplier Array




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl