전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AFBR-S4N44C013 데이터시트(Datasheet) 2 Page - Broadcom Corporation.

부품명 AFBR-S4N44C013
상세내용  4x4 NUV-HD Silicon Photo Multiplier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo 

   
 2 page
background image
Broadcom
AFBR-S4N44C103-DS101
2
AFBR-S4N44C013 Data Sheet
4×4 NUV-HD Silicon Photo Multiplier Array
Pad Layout and Soldering Ball Geometry
Figure 2: Bottom View (Left) and Cross Sections (Right)
Reflow Soldering Diagram
Figure 3: Recommended Reflow Soldering Profile
D-D
D
D
0.49
0.3
0.6
Glass surface
Sensor surface
0.97
0.97
0.97
Pin 1
Back Side
NOTES:
1) Dimensions areinmillimeters.
2) Nominal values rounded to two decimal places - Suppression of following zeros.
A
A
C
C
3) A is anode, C is cathode.
soak
[s]
[°C]
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
max 245 °C
90...120s
< 1 K/s
217 °C liquidus
reflow
pre-heat
[s]
[°C]
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
soak
max 245 °C
90...120s
< 1 K/s
q
217 °C liquidus
reflow
pre-heat




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl