전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AFBR-S20W1XX 데이터시트(Datasheet) 2 Page - Broadcom Corporation.

부품명 AFBR-S20W1XX
상세내용  Compact USB Spectrometer Combining Excellent Technical Specifications with Outstanding Spectroscopy Software
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo 

   
 2 page
background image
Data Sheet
For more product information: broadcom.com
Copyright © 2018 Broadcom. All Rights Reserved. Broadcom, the pulse logo, and Connecting everything are among the
trademarks of Broadcom. The term “Broadcom” refers to Broadcom Inc. and/or its subsidiaries.
AFBR-S20W1XX-DS100 July 27, 2018
Application Software
Every Qwave spectrometer includes
Waves user software developed
for general-purpose spectroscopy
applications. Waves includes
sophisticated algorithms for data
acquisition and evaluation, which
provides the following features
through a clear and straightforward
user interface.
• Take and display series of spectra
• Automatic exposure control with
dark spectrum interpolation
• Import most ASCII-based file
formats
• Export as ASCII table to almost
any numerical analysis software
• Comprehensive tools for
displaying and analyzing spectra
• Strip charts for comparing
characteristic values between
multiple spectra including peak
follower in real time
• Graph printing and export to PDF
• Dynamic peak finder (no need to
set a threshold level)
• Dark spectrum interpolation
• Transmission, absorption, and
reflection measurements
• Colorimetry
Waves is very easy to use and
very intuitive. Various spectrum
evaluation options are available
with minimal effort and only a
few mouse clicks. For example, to
zoom in, adjust the zoom slider. To
move around, adjust the scrollbar.
To change the x-axis unit, select
the corresponding button. Values
such as peaks or colorimetry are
instantly calculated as soon as
a spectrum is taken. Waves is
available as a free download from
our website.
Software Library
A software development kit (SDK)
is also included to control the
spectrometer and take spectra
from your own software. It consists
of a Windows DLL library for the
.NET framework, documentation,
and sample code. The SDK can
be used with any programming
language that can use .NET DLLs,
including C#, Visual Basic .NET,
C++/CLI, Delphi, LabVIEW, Matlab,
and Mathematica.
Communication Protocol
The spectrometer can also
be directly controlled from an
embedded microcontroller or
other operating systems using the
device communication protocol.
Just like our application software,
the protocol is designed to be
both powerful and easy to use for
software developers.
I/O Port and Trigger
The Qwave includes four I/O
channels that can be configured
as trigger input, shutter and light
source control, or general purpose
I/O pins.
The Qwave supports three trigger
modes: software trigger, interval
trigger, and external trigger. It can
be set to trigger on the start or the
end of the exposure period. For
synchronizing the Qwave precisely
to external events, a special low-
jitter mode is available.
68
8.95
3
3
13.1
10
18.2
Qwave Schematic Drawing




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl