전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

C1206C103JCGACTU 데이터시트(Datasheet) 1 Page - Kemet Corporation

부품명 C1206C103JCGACTU
상세내용  SMD Comm C0G HV, Ceramic, 0.01 uF, 5%, 500 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: C1206C103JCGACTU
(C1206C103JCGAC7800)
SMD Comm C0G HV, Ceramic, 0.01 uF, 5%, 500 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: SMD Comm C0G HV
Style: SMD Chip
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Chip Size: 1206
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 5%
Voltage DC: 500 VDC
Dielectric Withstanding
Voltage: 750 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.10% 1kHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/24/2019 - 68fcb5af-b28a-44e6-adcc-19b5224283c9




Html 페이지

1 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl