전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N482-12M12-X2 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 N482-12M12-X2
상세설명  40 GB Pass-Through Cassette, (x12) 12-Fiber MTP/MPO ( Female )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N482-12M12-X2 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N482-12M12-X2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N482-12M12-X2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Guaranteed compatibility when used with recommended Tripp Lite cabling. Designed specifically for use
with Tripp Lite cables, such as the N842-, N844- and N845- Series cables.
40 GB Pass-Through Cassette, (x12) 12-Fiber
MTP/MPO ( Female )
MODEL NUMBER: N482-12M12-X2
Installs in select Tripp Lite fiber enclosure panels to create up to twelve 40 GB 12-fiber MTP/MPO
connections in high-density network applications.
Description
The N482-12M12-X2 40 GB Pass-Through Cassette works in tandem with Tripp Lite’s N482-01U or
N482-02U Fiber Enclosure Panels to create up to twelve 12-fiber MTP/MPO connections in high-density
network applications.
The cassette’s modular design installs easily in the N482-01U and N482-02U enclosure panels with no
tools required. Just insert the cassette into the panel, and push in its retention clips to secure it. Plug 40
GB 12-fiber MTP/MPO patch cables into the cassette to connect up to 12 network feeds. Up to five N482-
12M12-X2 cassettes fit in the N482-01U 1U enclosure panel for a total of 60 network feeds, and up to 14
cassettes fit in the N482-02U 2U panel for a total of 168 network feeds. Guaranteed compatibility when
used with recommended Tripp Lite cabling. Designed specifically for use with Tripp Lite cables, such as
the N842-, N844- and N845- Series cables.
With a heavy-duty steel housing and factory-terminated connectors that reduce time and labor, the N482-
12M12-X2 is made from only the finest materials to ensure fast installations and optimal performance.
Features
Elegant, Simple Solution for 40 GB 12-Fiber MTP/MPO Connections
High-density fiber cassette for use with Tripp Lite N482-01U and N482-02U fiber enclosure panels
q
Connect up to twelve 40 GB 12-fiber MTP/MPO cables
q
Guaranteed compatibility when used with recommended Tripp Lite cabling
q
Designed specifically for use with Tripp Lite cables, such as the N842-, N844- and N845- Series cables
q
Highlights
For use with Tripp Lite N482-
01U or N482-02U enclosure
panels
q
Connect up to twelve 40 GB 12-
fiber MTP/MPO cables
q
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Designed specifically for use
with Tripp Lite cables, such as
the N842-, N844- and N845-
Series cables
q
Simple installation with no tools
required
q
Factory-terminated connectors
q
Heavy-duty steel housing
q
System Requirements
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Designed specifically for use
with Tripp Lite cables, such as
the N842-, N844- and N845-
Series cables
q
Package Includes
40 GB Pass-Through Cassette,
(x12) 12-Fiber MTP/MPO
q
Quick Start Guide
q
1 / 2


유사한 부품 번호 - N482-12M12-X2

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N482-1M24-LC12 TRIPPLITE-N482-1M24-LC12 Datasheet
169Kb / 3P
   100Gb/120Gb to 10Gb Breakout Cassette - 24-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
More results

유사한 설명 - N482-12M12-X2

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N484-12M12 TRIPPLITE-N484-12M12 Datasheet
166Kb / 2P
   40Gb Pass-Through Cassette - (x12) 12-Fiber MTP/MPO ( Female )
N484-12M24 TRIPPLITE-N484-12M24 Datasheet
167Kb / 2P
   100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
N482-6M12-6M12 TRIPPLITE-N482-6M12-6M12 Datasheet
164Kb / 2P
   40Gb Pass-Through Cassette - (x6) 12-Fiber MTP/MPO ( Female )
N4826M126M12 TRIPPLITE-N4826M126M12 Datasheet
516Kb / 2P
   40Gb Pass-Through Cassette - (x6) 12-Fiber MTP-MPO
N482-6M24-6M24 TRIPPLITE-N482-6M24-6M24 Datasheet
164Kb / 2P
   100Gb/120Gb Pass-Through Cassette - (x6) 24-Fiber MTP/MPO ( Female )
N4826M246M24 TRIPPLITE-N4826M246M24 Datasheet
517Kb / 2P
   100Gb-120Gb Pass-Through Cassette - (x6) 24-Fiber MTP-MPO
N4822M12LC12 TRIPPLITE-N4822M12LC12 Datasheet
530Kb / 2P
   40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber MTP-MPO to (x12) LC
N484-12RJ TRIPPLITE-N484-12RJ Datasheet
167Kb / 2P
   Cat6a Pass-Through Cassette - (x12) RJ45
N4821M24LC12 TRIPPLITE-N4821M24LC12 Datasheet
524Kb / 2P
   100Gb-120Gb to 10Gb Breakout Cassette - 24-Fiber MTP-MPO to (x12) LC
N484-12LC TRIPPLITE-N484-12LC Datasheet
169Kb / 3P
   10GbE Pass-Through Cassette - (x12) LC Duplex
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com