전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N484-12M24 데이터시트(Datasheet) 2 Page - Tripp Lite. All Rights Reserved

부품명 N484-12M24
상세내용  100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
OVERVIEW
UPC Code
037332187208
PHYSICAL
Shipping Dimensions (hwd / in.)
2.36 x 5.12 x 1.46
Shipping Dimensions (hwd / cm)
5.99 x 13.00 x 3.71
Shipping Weight (lbs.)
0.49
Shipping Weight (kg)
0.22
Unit Dimensions (hwd / in.)
1.4 x 4.4 x 0.8
Unit Weight (lbs.)
0.3
Unit Weight (kg)
0.14
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-4 to 122 F (-20 to 50 C)
CONNECTIONS
Ports
12
Side A - Connector 1
24-STRAND MTP (FEMALE)
Side B - Connector 1
24-STRAND MTP (FEMALE)
FEATURES & SPECIFICATIONS
Technology
MTP/MPO
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl