전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N484-12SFP-K 데이터시트(Datasheet) 2 Page - Tripp Lite. All Rights Reserved

부품명 N484-12SFP-K
상세내용  12-Port SFP 10GbE Pass-through Cassette with six QSFP to 4xSFP Breakout Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 2 page
background image
Specifications
networking solution that results in lower power consumption, less heat, and reduced latency
Included breakout cables feature MSA SFF-8436 compliant QSFP+ connectors, and MSA SFF-8431
compliant SFP+ connectors
q
Installation is simple, with the cassette being easily installed or removed using screw tabs to lock or
unlock it from the panel; no tools required
q
Factory terminated connectors reduce the time and labor required of field connector terminations
q
Housing made of heavy duty, 1.0mm Cold Rolled Steel
q
OVERVIEW
UPC Code
037332187246
PHYSICAL
Shipping Dimensions (hwd / in.)
14.57 x 18.50 x 7.10
Shipping Dimensions (hwd / cm)
37.01 x 46.99 x 18.03
Shipping Weight (lbs.)
13.70
Shipping Weight (kg)
6.21
Unit Dimensions (hwd / in.)
1.4 x 4.4 x 3.8
Unit Weight (lbs.)
1
Unit Weight (kg)
0.45
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-4 to 122 F (-20 to 50 C)
CONNECTIONS
Ports
12
Side A - Connector 1
SFP+ (FEMALE)
Side B - Connector 1
SFP+ (FEMALE)
FEATURES & SPECIFICATIONS
Technology
SFP+/QSPP+/QSFP28
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
2 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl