전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N492-WM2-BK 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 N492-WM2-BK
상세설명  Wall-Mount Fiber Optic Distribution Enclosure, 2-Panel Capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N492-WM2-BK 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N492-WM2-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N492-WM2-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Wall-Mount Fiber Optic Distribution Enclosure, 2-
Panel Capacity
MODEL NUMBER: N492-WM2-BK
Convenient, secure and fully sealed fiber enclosure for managing and protecting your fiber terminations.
Compatible with Tripp Lite high-density fiber adapter panels.
Description
The N492-WM2-BK Wall-Mount Fiber Optic Distribution Enclosure manages and protects your fiber
terminations where space is at a premium. It locks using the included key to keep your connections safe
from tampering. The doors open wide to reveal plenty of room for splicing and patching your fiber cabling.
It supports up to two fiber adapter panels, such as Tripp Lite’s LC (N492-08D-LC), SC (N492-06D-SC)
and ST (N492-08S-ST) panels. Cable manager rings, cable ties and a labeling sticker help you keep your
cables neatly organized inside the fully sealed enclosure. Made from heavy-duty cold-rolled steel, the
N492-WM2-BK mounts on any solid surface.
Features
Fully Sealed Enclosure Manages and Protects Your Fiber Terminations
Locks with included key to protect connections against tampering
q
Mounts securely on any solid surface
q
Heavy-duty cold-rolled steel construction
q
Includes cable manager rings, cable ties and label for organized cable management
q
Supports up to 2 Tripp Lite fiber adapter panels, including N492-08D-LC, N492-06D-SC and N492-08S-
ST
q
Highlights
Mounts securely on any solid
surface
q
Locks with included key to
protect connections against
tampering
q
Made from heavy-duty cold-
rolled steel
q
Includes rings, ties and label for
organized cable management
q
Supports up to 2 Tripp Lite fiber
adapter panels
q
Package Includes
N492-WM2-BK Wall-Mount
Fiber Optic Distribution
Enclosure, 2-Panel Capacity
q
(2) Cable manager rings
q
(5) Cable ties
q
Cable lock post
q
Label
q
(2) Keys
q
Quick Start Guide
q
OVERVIEW
UPC Code
037332202932
1 / 2


유사한 부품 번호 - N492-WM2-BK

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N492-WM4-BK TRIPPLITE-N492-WM4-BK Datasheet
162Kb / 2P
   Wall-Mount Fiber Optic Distribution Enclosure, 4-Panel Capacity
More results

유사한 설명 - N492-WM2-BK

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N492-WM4-BK TRIPPLITE-N492-WM4-BK Datasheet
162Kb / 2P
   Wall-Mount Fiber Optic Distribution Enclosure, 4-Panel Capacity
logo
OPLINK Communications I...
FTBP OPLINK-FTBP Datasheet
342Kb / 2P
   Fiber distribution enclosure is an integrated unit for fiber management. Oplink offers both wall mount and rack mount enclosure.
logo
Tripp Lite. All Rights ...
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
   High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N48201U TRIPPLITE-N48201U Datasheet
489Kb / 2P
   High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
   High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
logo
Tyco Electronics
559561-3 MACOM-559561-3 Datasheet
87Kb / 1P
   DISTRIBUTION PANEL, 24 PORT WALL MOUNT
logo
Tripp Lite. All Rights ...
N48202U TRIPPLITE-N48202U Datasheet
496Kb / 2P
   High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
logo
Glenair, Inc.
180-118-H7 GLENAIR-180-118-H7 Datasheet
284Kb / 1P
   Fiber Optic Square Flange Wall Mount Receptacle
logo
Tripp Lite. All Rights ...
N484-01U TRIPPLITE-N484-01U Datasheet
164Kb / 2P
   High Density Copper / Fiber Enclosure Panel, 1U, 4-Cassette Capacity
logo
Molex Electronics Ltd.
1064800103 MOLEX-1064800103 Datasheet
44Kb / 1P
   Rack-Mount Fiber Enclosure, 4RU, 12 LGX Cassette / 288-Port Capacity
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com