전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-006-AWH 데이터시트(Datasheet) 2 Page - Tripp Lite. All Rights Reserved

부품명 P004-006-AWH
상세내용  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., White
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 2 page
background image
Country/Region
North America
INPUT
Maximum Input Amps
10
Cable Length (ft.)
6
Cable Length (m)
1.8
Cable Length (in.)
72
Voltage Compatibility (VAC)
250
Cable Length (cm)
182.88
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
9.90 x 7.00 x 0.50
Shipping Dimensions (hwd / cm)
25.15 x 17.78 x 1.27
Shipping Weight (lbs.)
0.51
Shipping Weight (kg)
0.23
Color
White
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Storage Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Operating Humidity Range
10-85% RH
Storage Humidity Range
10-85% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
WARRANTY
2 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl