전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-006-AWH 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 P004-006-AWH
상세내용  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., White
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
C14 Male to C13 Female Power Cable, C13 to C14
PDU Style - 10A, 250V, 18 AWG, 6 ft., White
MODEL NUMBER: P004-006-AWH
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
existing power connection by 6 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is designed for small data center, office workstation and other
lower-amp applications. This C14 male to C13 female cord can be used to power a computer, server or
monitor; attach a server or drive to a UPS system or PDU; or extend an existing connection up to six feet.
The six-foot length allows you flexibility in placing equipment with respect to the power outlet.
Color-Coded to Avoid Misidentification That Can Cause Costly Downtime
This computer power extension cord features a white SJT jacket and fully molded white ends. The color-
coding allows easy, fast identification in a crowded rack or workstation and helps prevent the cable from
becoming inadvertently disconnected.
Highlights
Recommended for powering
computers, printers and other
essential peripherals
q
Adds 6 ft. to your existing
connection to provide more
flexibility in placing devices
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Color-coded white for fast, easy
identification in a crowded rack
or workstation
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 6 ft. away in your data
center
q
Extend an existing power
connection up to 6 ft. to more
easily place a device or reach a
power source away from your
workstation
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-006-AWH C14 Male to
C13 Female Power Cable, 6 ft.,
White
q
OVERVIEW
UPC Code
037332198921
1 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl