전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-L03 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 P004-L03
상세내용  C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
Not for usage in European Market
C14 Male to C13 Female Power Cable, C13 to C14
PDU-Style, Locking C13 Connector, 10A, 18
AWG, 3 ft.
MODEL NUMBER: P004-L03
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
current power connection by 3 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is an ideal replacement for a missing or worn-out computer
power extension cord. Designed for data center and server room applications that do not require a higher-
gauge cable, this UL-listed C14 male to C13 female cord can be used to power a computer, printer or
monitor; attach a server or drive to a UPS system or PDU; or extend a current connection up to three feet.
Locking Connector Helps Prevent Accidental Disconnection and Expensive Downtime
Having a cable come loose accidentally can mean the loss of power and costly downtime. The P004-L03’s
locking C13 connector helps you avoid such danger, protecting critical equipment by maintaining a secure
link without failure. The locking cable is also invaluable when moving equipment in a rack or removing
equipment from tight areas, ensuring the power cord always stays connected.
Designed to Keep Your Equipment Connected a Long Time without Stress
The SJT cable jacket is accentuated with integral strain relief, which gives the cable extra flexibility,
reduces stress, and helps the cable and connectors move freely without cracking.
Lifetime Warranty
The P004-L03 is backed by a lifetime warranty, ensuring reliability and performance.
Highlights
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Recommended for connecting
power to computers, servers
and other peripherals
q
Adds 3 ft. to your current power
connection to provide more
flexibility in placing devices
q
Integral strain relief helps cable
and connectors move freely
without stress or cracking
q
Locking C13 connector
maintains secure link to avoid
loss of power and costly
downtime
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 3 ft. away in your data
center
q
Extend a current power
connection up to 3 ft. to more
easily place a device or reach a
power source in a rack
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-L03 C14 Male to C13
Female Power Cable, 3 ft.
q
1 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl