전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GRS-4012-0065 데이터시트(Datasheet) 1 Page - CW Industries

부품명 GRS-4012-0065
상세내용  4000 Series Maintained Action Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CWIND [CW Industries]
홈페이지  http://www.cwind.com
Logo 

   
 1 page
background image
Item # GRS-4012-0065, 4000 Series Maintained Action Miniature Rocker Switches
Check Distributor Stock · Specifications · Materials · Operating Standards
Check Distributor Stock
DIGI-KEY
MOUSER
Circuitry
SPDT
Switch Function
ON-ON
Electrical Ratings1
10 (4) 250~µ T 85°
10 A @ 14 V T
16 A @ 125-250 VAC
3 A @ 125 V L
3/4 HP @ 125-250 VAC
Temperature Rating
+65 Max. Degrees C
Panel Opening
0.508 x 0.756 in
12.90 x 19.20 mm
Acceptable Panel Thickness
0.050 - 0.150 in
1.27 - 3.81 mm
Mounting
Self locks without hardware when inserted into a 0.756" (19.20 mm) x 0.508" (12.90 mm) panel
cutout. Acceptable panel thickness range is from 0.050" (1.27 mm) to 0.150" (3.81 mm).
CAUTION: Burr direction must be away from the direction of insertion.
Mounting Polarization
None
Actuator Color
Black/RED
Actuator Legend
None
Illumination
Non Illuminated
Housing Color
Black
Insulating Barriers
(X) Between Poles
( _ ) Between Terminals
( _ ) No Barriers
Terminal
(X) 0.187 x 0.032in.
4.75 x 0.81mm. Quick Connect
(_) 0.187 x 0.020in.
4.75 x 0.51mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Solder Terminal
Contact Action
Sliding with Self Cleaning Contacts
Check Distributor Stock
Specifications
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/7/2019 | Page 1 of 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl