전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GRS-4012-0065 데이터시트(Datasheet) 2 Page - CW Industries

부품명 GRS-4012-0065
상세내용  4000 Series Maintained Action Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CWIND [CW Industries]
홈페이지  http://www.cwind.com
Logo 

   
 2 page
background image
1 All ratings are on a load per pole, opposite polarity basis. Additional ratings may be available, contact us for more information.
Switches marked µ are acceptable for use as power switches provided there is a plug disconnect or a switch with open contact gaps of 3 mm
minimum.
2 Due to ongoing advancements, additional agency certifications may be available, contact us for more information.
Listing Agency
(Consult drawing or factory for specific
rating)2
Listed Agencies
Compliance
.
Rocker Knob
Nylon 94V-2
Housing
Nylon 94V-2
Terminal & Moving Contact
Copper Alloy or
Copper Alloy Silver Plated
Endurance:
100,000 cycles, no load, minimum
25,000 cycles at rated load minimum up to 16 A @ 125 VAC
10,000 cycles at rated load minimum 16 A @ 250 VAC
Contact Resistance:
Less than 0.01 Ω at 10 mA (Initial)
Operating Temperature:
From -20ºC to 105ºC maximum.
Consult factory for higher or lower temperature ranges.
High Voltage Dielectric Withstanding Voltage:
2,500 V, 60 Hz for 1 minute between mounting surface and circuit connections
Humidity:
Insulation resistance > 103 MΩ after 100 hours at 95% R.H. and 50ºC followed by 1 hour dry at ambient room conditions
Operating Standards described herein are general specifications that vary depending on the switch construction specified and end application.
Contact us for specifications for specific models. Specifications subject to change without notice.
Materials
Operating Standards
3/7/2019 | Page 2 of 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl