전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GRS-4021-0013 데이터시트(Datasheet) 1 Page - CW Industries

부품명 GRS-4021-0013
상세내용  4000 Series Maintained Action Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CWIND [CW Industries]
홈페이지  http://www.cwind.com
Logo 

   
 1 page
background image
Item # GRS-4021-0013, 4000 Series Maintained Action Miniature Rocker Switches
Check Distributor Stock · Specifications · Materials · Operating Standards
Check Distributor Stock
DIGI-KEY
Circuitry
DPST
Switch Function
ON-OFF
Electrical Ratings1
10 A @ 14 V (T)
16 A @ 125-250 VAC
3 A @ 125 V (L)
3/4 HP @ 125-250 VAC
Temperature Rating
+65 Max. Degrees C
Panel Opening
0.508 x 0.756 in
12.90 x 19.20 mm
Acceptable Panel Thickness
0.050 - 0.150 in
1.27 - 3.81 mm
Mounting
Self locks without hardware when inserted into a 0.756" (19.20 mm) x 0.508" (12.90 mm) panel
cutout. Acceptable panel thickness range is from 0.050" (1.27 mm) to 0.150" (3.81 mm).
CAUTION: Burr direction must be away from the direction of insertion.
Mounting Polarization
None
Actuator Color
Black
Actuator Legend
None
Illumination
Non Illuminated
Housing Color
Black
Insulating Barriers
(X) Between Poles
( _ ) Between Terminals
( _ ) No Barriers
Terminal
(X) 0.187 x 0.032in.
4.75 x 0.81mm. Quick Connect
(_) 0.187 x 0.020in.
4.75 x 0.51mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Solder Terminal
Contact Action
Sliding with Self Cleaning Contacts
Listing Agency
(Consult drawing or factory for specific
rating)2
Listed Agencies
Check Distributor Stock
Specifications
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/7/2019 | Page 1 of 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl