전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IPB79CN10NG 데이터시트(Datasheet) 1 Page - Inchange Semiconductor Company Limited

부품명 IPB79CN10NG
상세내용  Isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo 

   
 1 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc N-Channel MOSFET Transistor
IPB79CN10NG
·
FEATURES
·
With To-263(D2PAK) package
·
Low input capacitance and gate charge
·
Low gate input resistance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Switching applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-ContinuousTc=25℃
Tc=100℃
13
9
A
IDM
Drain Current-Single Pulsed
52
A
PD
Total Dissipation @TC=25℃
31
W
Tch
Max. Operating Junction Temperature
175
Tstg
Storage Temperature
-55~175
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
4.9
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
40
/W




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl