전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPB108N15N3G 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 IPB108N15N3G
상세설명  Isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IPB108N15N3G 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  IPB108N15N3G Datasheet HTML 1Page - Inchange Semiconductor Company Limited IPB108N15N3G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc N-Channel MOSFET Transistor
IPB108N15N3G
·
FEATURES
·
With To-263(D2PAK) package
·
Low input capacitance and gate charge
·
Low gate input resistance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Switching applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
150
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-ContinuousTc=25℃
Tc=100℃
83
59
A
IDM
Drain Current-Single Pulsed
332
A
PD
Total Dissipation @TC=25℃
214
W
Tch
Max. Operating Junction Temperature
175
Tstg
Storage Temperature
-55~175
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
0.7
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
40
/W


유사한 부품 번호 - IPB108N15N3G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IPB108N15N3G INFINEON-IPB108N15N3G Datasheet
438Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.1 2009-12-01
More results

유사한 설명 - IPB108N15N3G

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com