전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC2DU064NDFB-0QC00 데이터시트(PDF) 11 Page - Samsung semiconductor

부품명 MC2DU064NDFB-0QC00
상세설명  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC2DU064NDFB-0QC00 데이터시트(HTML) 11 Page - Samsung semiconductor

Back Button MC2DU064NDFB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 12Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 13Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 14Page - Samsung semiconductor MC2DU064NDFB-0QC00 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
MultiMediaCard
TM
11
The host can read the CSD register and alter the host controlled data bytes using the SEND_CSD and
PROGRAM_CSD commands.
2.7
SPI Mode
The SPI mode is a secondary (optional) communication protocol offered for MultiMediaCard. This
mode is a subset of the MultiMediaCard protocol, designed to communicate with an SPI channel,
commonly found in Motorola’s (and lately a few other vendors’) microcontrollers.
2.7.1 Negotiating Operation Conditions
The operating condition negotiation function of the MultiMediaCard bus is not supported in SPI mode.
The host must work within the valid voltage range (2.7 to 3.6 volts) of the card.
2.7.2 Card Acquisition and Identification
The card acquisition and identification function of the MultiMediaCard bus is not supported in SPI mode.
The host must know the number of cards currently connected on the bus. Specific card selection is
done via the CS signal.
2.7.3 Card Status
In SPI mode only 16 bits (containing the errors relevant to SPI mode) can be read out of the
MultiMediaCard status register.
2.7.4 Memory Array Partitioning
Memory partitioning in SPI mode is equivalent to MultiMediaCard mode. All read and write commands
are byte addressable.
2.7.5 Read and Write Operations
In SPI mode, only single block read/write mode is supported.
2.7.6 Data Transfer Rate
In SPI mode only block mode is supported. The typical access time (latency) for each data block, in
read operation, is 1.5mS. The write typical access time (latency) for each data block, in read operation,
is 1.5mS. The write block operation is done in handshake mode. The card will keep DataOut line low
as long as the write operation is in progress and there are no write buffers available.
2.7.7 Data Protection in the MultiMediaCard
Same as for the MultiMediaCard mode.
2.7.8 Erase
Same as in MultiMediaCard mode


유사한 부품 번호 - MC2DU064NDFB-0QC00

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
MC20 ALLIED-MC20 Datasheet
458Kb / 1P
   Molded Chip Inductors
MC20-100K-RC ALLIED-MC20-100K-RC Datasheet
391Kb / 1P
   Molded Chip Inductors
MC20-100K-RC ALLIED-MC20-100K-RC Datasheet
458Kb / 1P
   Molded Chip Inductors
MC20-101K-RC ALLIED-MC20-101K-RC Datasheet
391Kb / 1P
   Molded Chip Inductors
MC20-101K-RC ALLIED-MC20-101K-RC Datasheet
458Kb / 1P
   Molded Chip Inductors
More results

유사한 설명 - MC2DU064NDFB-0QC00

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com