전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFS59N10D 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 IRFS59N10D
상세설명  Isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFS59N10D 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRFS59N10D Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFS59N10D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
Isc N-Channel MOSFET Transistor
IRFS59N10D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= 0.25mA
100
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID=0.25mA
3.0
5.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=35.4A
25
IGSS
Gate-Source Leakage Current
VGS= ±30V;VDS= 0V
±
0.1
μ
A
IDSS
Drain-Source Leakage Current
VDS=100V; VGS= 0V;Tj=25℃
VDS=100V; VGS= 0V;Tj=125℃
20
250
μ
A
VSDF
Diode forward voltage
ISD=35.4A, VGS = 0 V
1.3
V


유사한 부품 번호 - IRFS59N10D

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS59N10D IRF-IRFS59N10D Datasheet
138Kb / 11P
   Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A)
IRFS59N10DPBF IRF-IRFS59N10DPBF Datasheet
224Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFS59N10D

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com