전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1070C_17 데이터시트(Datasheet) 3 Page - Nell Semiconductor Co., Ltd

부품명 D1070C_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 3 page
background image
Fig.1 Current ratings characteristics
Fig.2 Current ratings characteristics
Average forward current (A)
Average forward current (A)
120
100
80
60
40
0
200
400
Fig.3 Current ratings characteristics
Fig.4 Current ratings characteristics
Average forward current (A)
Average forward current (A)
Fig.5 Forward power loss characteristics
Fig.6 Forward power loss characteristics
Average forward current (A)
Average forward current (A)
600
800
140
140
120
100
40
30
20
150
130
0
400
800
150
120
100
80
60
40
140
20
0
400
800
1200 1400
200
800
1400
400
1200
0
3000
2000
1000
0
150
110
90
70
50
130
1200
2400
60
50
80
70
90
110
600
1000
30
70
50
130
90
110
100
80
60
70
90
50
40
30
20
150
140
130
120
110
400
1200
800
0
2000
1600
3500
2500
1500
500
3600V to 4500V
(Single side cooled)
R
(DC) = 0.073K/W
thJ-hs
180°
120°
90°
60°
30°
Conduction Period
30°
60°
90°
120°
180°
DC
200
600
200
600
1000
30°
60°
90°
120°
180°
1600 2000
30°
60°
90°
120°
180°
DC
Conduction Period
0
500
1000
1500
2000
2500
3000
600
1400
200
1000
0
800
400
1200
30°
60°
90°
120°
180°
RMS Limit
T = 150°C
J
2400
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Angle
Conduction Angle
Conduction Angle
Page 3 of 7
www.nellsemi.com
3600V to 4500V
(Single side cooled)
R
(DC) = 0.073K/W
thJ-hs
3600V to 4500V
(Double side cooled)
R
(DC) = 0.031K/W
thJ-hs
3600V to 4500V
(Double side cooled)
R
(DC) = 0.031K/W
thJ-hs
3600V to 4500V
Conduction Period
T = 150°C
J
3600V to 4500V
RoHS
RoHS
Nell High Power Products
D1070C Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl