전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1070C_17 데이터시트(Datasheet) 5 Page - Nell Semiconductor Co., Ltd

부품명 D1070C_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 5 page
background image
Fig.13 Forward power loss characteristics
Fig.14 Forward power loss characteristics
Average forward current (A)
Average forward current (A)
3000
2000
1000
0
400
1200
800
0
2000
1600
3500
2500
1500
500
0
500
1000
1500
2000
2500
3000
600
1400
200
1000
0
800
400
1200
30°
60°
90°
120°
180°
RMS Limit
T = 150°C
J
2400
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Period
T = 150°C
J
Conduction Angle
5000V to 6000V
5000V to 4500V
Fig.15 Maximum non-repetitive surge current
single and double side cooled
Fig.16 Maximum non-repetitive surge current
single and double side cooled
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
1
10
100
7000
6000
5000
4000
3000
2000
1000
2000
3000
8000
9000
7000
6000
0.01
0.1
1
8000
5000V to 6000V
1000
4000
5000
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 150°C
J
Versus Pulse Train Duration.
No Voltage Reapplied @50Hz
Rated V
Reapplied @50Hz
RRM
Maximum Non Repetitive Surge Current
Initial T = 150°C
J
5000V to 6000V
Fig.17 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
10000
1000
100
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
Fig.18 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
5.5
10000
1000
100
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
5.5
Page 5 of 7
www.nellsemi.com
3600V to 4500V
5000V to 6000V
T = 25°C
J
T = 150°C
J
T = 150°C
J
T = 25°C
J
RoHS
RoHS
Nell High Power Products
D1070C Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl