전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1070C_17 데이터시트(Datasheet) 6 Page - Nell Semiconductor Co., Ltd

부품명 D1070C_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 6 page
background image
Fig.19 Thermal lmpedance R
characteristics
thJ-hs
Square wave pulse duration (s)
100
0.1
0.01
0.001
0.001
0.01
0.1
1
Steady State Value
(Single side cooled)
R
(DC) = 0.073 K/W
thJ-hs
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
(DC Operation)
10
ORDERING INFORMATION TABLE
1
-
"D" for standard recovery diode
2
-
Maximum average forward current, "1070" for 1070A
3
Device code
1070
D
C
40
1
2
3
4
-
Case style : "C" for Nell's C-type Capsule, DO-200AB (B-PUK)
-
Voltage code, code x 100 = VRRM
4
Page 6 of 7
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1070C Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl