전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1070C_17 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 D1070C_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
FEATURES
High voltage ratings up to 6000V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
RoHS
RoHS
Standard Recovery Diodes
Nell High Power Products
Hockey PUK version
D1070C Series
(Hockey PUK Version), 1070A
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
1070A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
V
VRRM
IFSM
IF(RMS)
2
I t
2
kA s
A
ºC
TEST CONDITIONS
Ths
A
25
3600 to 4500
12000
12560
50 HZ
60 HZ
50 HZ
60 HZ
Typical
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM REPETITIVE
RRM
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT T = T
MAXIMUM
J
J
mA
36
40
3600
4000
3700
4100
50
Wide current range
1070
2040
655
720
DO-200AB(B-PUK)
D1070C
55
ºC
IF(AV)
TJ
A
ºC
Ths
D1070C
Case style DO-200AB(B-PUK), Nell’s C-type Capsule
Lead (Pb)-free
High power drives
Medium traction applications
(Nell’s C-type capsule)
Page 1 of 7
www.nellsemi.com
36 to 45
50 to 60
25
5000 to 6000
7200
7530
1030
1910
235
259
55
-40 to 150
45
50
4500
5000
4600
5100
54
56
5400
5600
5500
5700
58
60
5800
6000
5900
6100




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl