전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1100B_17 데이터시트(Datasheet) 3 Page - Nell Semiconductor Co., Ltd

부품명 D1100B_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 3 page
background image
Conduction Period
30°
60°
120°
90°
180°
DC
Fig.1 Current ratings characteristics
Fig.2 Current ratings characteristics
Average forward current (A)
Average forward current (A)
160
120
100
80
60
40
0
200
400
Fig.3 Current ratings characteristics
Fig.4 Current ratings characteristics
Average forward current (A)
Average forward current (A)
Fig.5 Forward power loss characteristics
Fig.6 Forward power loss characteristics
Average forward current (A)
Average forward current (A)
180
600
800
1000
140
160
120
100
80
60
40
180
140
20
0
400
800
1200
1600
160
120
100
80
60
40
180
140
20
0
400
800
1200
1600
2000
160
120
100
80
60
40
180
140
20
0
500
1000
1500 2000
2500 3000
0
500
1000
1500
2000
2500
3000
3500
0
400
800
1200
1600
4000
3000
2000
1000
0
0
500
1000
1500
2000
2500
3000
800V to 2000V
(Single side cooled)
R
(DC) = 0.076K/W
thJ-hs
Conduction Angle
120°
90°
60°
30°
180°
800V to 2000V
(Double side cooled)
R
(DC) = 0.038 K/W
thJ-hs
Conduction Angle
30°
60°
90°
120°
180°
0
Conduction Period
DC
30°
60°
90°
120°
180°
RMS Limit
Conduction Angle
T = 175°C
J
500
1500
2500
3500
4500
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Period
T = 175°C
J
800V to 2000V
(Double side cooled)
R
(DC) = 0.038 K/W
thJ-hs
30°
60°
120°
90°
180°
800V to 2000V
800V to 2000V
800V to 2000V
(Single side cooled)
R
(DC) = 0.076K/W
thJ-hs
Page 3 of 7
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1100B Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl