전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1100B_17 데이터시트(Datasheet) 4 Page - Nell Semiconductor Co., Ltd

부품명 D1100B_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Fig.9 Current ratings characteristcs
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
1
10
100
0.01
0.1
1
9000
8000
7000
6000
5000
4000
3000
3000
5000
7000
10000
11000
12000
13000
14000
10000
11000
12000
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 175°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
4000
6000
8000
9000
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 175°C
J
No Voltage Reapplied @50Hz
Rated V
Reapplied @50Hz
RRM
800V to 2000V
800V to 2000V
Fig.10 Current ratings characteristcs
Fig.11 Current ratings characteristcs
Fig.12 Current ratings characteristcs
Average forward current (A)
Average forward current (A)
Average forward current (A)
Average forward current (A)
150
140
130
120
110
100
90
80
70
60
50
40
0
200
400
600
800
150
140
130
120
110
100
90
80
70
60
50
40
0
200
400
600
800 1000 1200 1400
2500V to 3200V
(Single side cooled)
R
(DC) = 0.076K/W
thJ-hs
Conduction Angle
Conduction Period
2500V to 32000V
(Single side cooled)
R
(DC) = 0.076K/W
thJ-hs
30°
60°
90°
120°
180°
30°
60°
90°
120°
180°
DC
150
140
130
120
110
100
90
80
70
60
50
40
30
20
0
200
400
600
800 1000 1200 1400
150
140
130
120
110
100
90
80
70
60
50
40
30
20
0
400
800
1200
1600
2000 2400
2500V to 3200V
(Double side cooled)
R
(DC) = 0.038K/W
thJ-hs
Conduction Angle
30°
60°
90°
120°
180°
Conduction Period
2500V to 32000V
(Single side cooled)
R
(DC) = 0.038K/W
thJ-hs
30°
60°
90°
120°
180°
DC
Page 4 of 7
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1100B Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl