전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1100B_17 데이터시트(Datasheet) 5 Page - Nell Semiconductor Co., Ltd

부품명 D1100B_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 5 page
background image
Fig.13 Forward power loss characteristics
Fig.14 Forward power loss characteristics
Fig.15 Maximum non-repetitive surge current
single and double side cooled
Number of equal amplitude half cycle
current pulses (N)
Average forward current (A)
Average forward current (A)
Pulse train duration (S)
Fig.17 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
Fig.18 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
3000
2500
2000
1500
1000
500
0
0
200
400
600
800 1000 1200 1400
30°
60°
90°
120°
180°
RMS Limit
Conduction Angle
T = 150°C
J
2500V to 3200V
3000
2500
2000
1500
1000
500
0
0
400
800
1200
1600
2000
2400
3500
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Period
T = 150°C
J
2500V to 3200V
10000
9000
8000
7000
6000
5000
4000
3000
1
10
100
10000
9000
8000
7000
6000
5000
4000
3000
11000
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 150°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 150°C @ 50 Hz
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
2500V to 3200V
2500V to 3200V
T = 25°C
J
T = 175°C
J
T = 150°C
J
T = 25°C
J
10000
1000
100
10000
1000
100
0.5
1
1.5
2
2.5
3
3.5
4
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.01
0.1
1
Page 5 of 7
www.nellsemi.com
Fig.16 Maximum non-repetitive surge current
single and double side cooled
800V to 2000V
2500V to 3200V
RoHS
RoHS
Nell High Power Products
D1100B Series




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl